| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 182 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 182 Page - Microchip Technology |
|
182 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 182 2010 Microchip Technology Inc. 18.4.2 INTERRUPTS IN SINGLE-SHOT MODE When the PWM time base is in the Single-Shot mode (PTMOD<1:0> = 01), an interrupt event is generated when a match with the PTPER register occurs. The PWM Time Base register (PTMR) is reset to zero on the following input clock edge and the PTEN bit is cleared. The postscaler selection bits have no effect in this Timer mode. 18.4.3 INTERRUPTS IN CONTINUOUS UP/DOWN COUNT MODE In the Continuous Up/Down Count mode (PTMOD<1:0> = 10), an interrupt event is generated each time the value of the PTMR register becomes zero and the PWM time base begins to count upwards. The postscaler selection bits may be used in this mode of the timer to reduce the frequency of the interrupt events. Figure 18-7 shows the interrupts in Continuous Up/Down Count mode. FIGURE 18-6: PWM TIME BASE INTERRUPT TIMING, SINGLE-SHOT MODE Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 Q3 Q4 1 1 FOSC/4 PTMR FFEh FFFh 000h 000h 000h 1 PTIF bit 2 Note 1: Interrupt flag bit, PTIF, is sampled here (every Q1). 2: PWM Time Base Period register, PTPER, is loaded with the value, FFFh, for this example. Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc Qc 1 1 PTMR FFEh FFFh 000h 000h 1 2 A: PRESCALER = 1:1 B: PRESCALER = 1:4 PTMR_INT_REQ Q4 Q4 PTIF bit PTMR_INT_REQ 000h |