전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18211HD 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 TDA18211HD
상세설명  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 17Page - NXP Semiconductors TDA18211HD Datasheet HTML 18Page - NXP Semiconductors TDA18211HD Datasheet HTML 19Page - NXP Semiconductors TDA18211HD Datasheet HTML 20Page - NXP Semiconductors TDA18211HD Datasheet HTML 21Page - NXP Semiconductors TDA18211HD Datasheet HTML 22Page - NXP Semiconductors TDA18211HD Datasheet HTML 23Page - NXP Semiconductors TDA18211HD Datasheet HTML 24Page - NXP Semiconductors TDA18211HD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
21 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
24h
EB21
7
AGC2_LOOP_OFF
R/W
turns the AGC2 loop
1
off
0*
on
6 to 2
EB21[6:2]
R/W
0 1100*
extended byte 21
1 and 0 AGC2_GAIN[1:0]
R/W
AGC2 gain
00
−15 dB
01
−12 dB
10
−9 dB
11*
−6 dB
25h
EB22
7
EB22[7]
R
0*
extended byte 22
6 to 4
RFAGC_TOP[2:0]
R/W
100*
take over point of the RF AGC,
detection in RF
3 to 0
IFAGC_TOP[3:0]
R/W
1000*
take over point of the RF AGC,
detection in IF
26h
EB23
7 to 3
EB23[7:3]
R/W
1 0110*
extended byte 23
2
FORCELP_
FC2_EN
R/W
0*
1.5 MHz bandwidth filter selection; see
Table 24
1
LP_FC[2]
R/W
0*
0
EB23[0]
R/W
0*
extended byte 23
Table 23.
EB1 to EB23 - Extended bytes 1 to 23 (address 10h to 26h) bit description …continued
Legend: * power-on reset value
Address
Register
Bit
Symbol
Access
Value
Description
Table 24.
Low pass cut-off frequency
FORCELP_FC2_EN
LP_FC[2]
STD[1:0]
Cut-off frequency (MHz)
0
X
00
6
0
X
01
7
0
X
10
8
0
X
11
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com