전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18211HD 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 TDA18211HD
상세설명  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 9Page - NXP Semiconductors TDA18211HD Datasheet HTML 10Page - NXP Semiconductors TDA18211HD Datasheet HTML 11Page - NXP Semiconductors TDA18211HD Datasheet HTML 12Page - NXP Semiconductors TDA18211HD Datasheet HTML 13Page - NXP Semiconductors TDA18211HD Datasheet HTML 14Page - NXP Semiconductors TDA18211HD Datasheet HTML 15Page - NXP Semiconductors TDA18211HD Datasheet HTML 16Page - NXP Semiconductors TDA18211HD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
13 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
9.3.1 I2C-bus address selection
The module address contains programmable address bits (MA[1:0]), which offer the
possibility to have several synthesizers (up to 4) in one system by applying a specific
voltage on the AS input (VAS).
9.3.2 Description of chip ID byte
9.3.3 Description of temperature sensor byte
The temperature sensor is not available in Device-off mode as it requires a 16 MHz clock
to operate.
Table 8.
Address byte 1 bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7 to 3
-
R/W
1 1000*
must be set to 1 1000
2 to 1
MA[1:0]
R/W
programmable address bits
00
VAS = 0 V to 0.1 × VCC
01
VAS = 0.2 × VCC to 0.3 × VCC
10
VAS = 0.4 × VCC to 0.6 × VCC
11
VAS = 0.9 × VCC to VCC
0
R/W
R/W
0
write mode
1
read mode
Table 9.
Address byte 2 bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7 to 6
-
R/W
00
must be set to 00
5 to 0
AD[5:0]
R/W
-
programmable address bits of the first byte
of the programming
Table 10.
ID - Identification byte (subaddress 00h) bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7
-
R
1*
must be logic 1
6 to 0
ID[6:0]
R
000 0100*
TDA18211HD/C2 identification number
Table 11.
TM - Thermo byte (subaddress 01h) bit description
Legend: * power-on reset value
Bit
Symbol
Access Value Description
7
POR
R
1*
power supply falls below the power-on reset level and is
reset after a read operation ending with a stop condition
0
power supply is above the power-on reset level
6
LOCK
R
1
main synthesizer is locked to the programmed frequency
0*
main synthesizer is not locked to the programmed
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com