전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18211HD 데이터시트(PDF) 45 Page - NXP Semiconductors

부품명 TDA18211HD
상세설명  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD 데이터시트(HTML) 45 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 41Page - NXP Semiconductors TDA18211HD Datasheet HTML 42Page - NXP Semiconductors TDA18211HD Datasheet HTML 43Page - NXP Semiconductors TDA18211HD Datasheet HTML 44Page - NXP Semiconductors TDA18211HD Datasheet HTML 45Page - NXP Semiconductors TDA18211HD Datasheet HTML 46Page - NXP Semiconductors TDA18211HD Datasheet HTML 47Page - NXP Semiconductors TDA18211HD Datasheet HTML 48Page - NXP Semiconductors TDA18211HD Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
45 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
[1]
Used in Section 9.4.14 “Flowchart TDA18211CalcCALPLL”.
Table 46.
CAL_PLL_map
fLO(max) (kHz)
CAL_POST_DIV[7:0]
Div[1]
175750
BAh
28h
195250
B9h
24h
219750
B8h
20h
251250
B3h
1Ch
270500
ADh
1Ah
293000
ACh
18h
319500
ABh
16h
351500
AAh
14h
390500
A9h
12h
439500
A8h
10h
502500
A3h
0Eh
541000
9Dh
0Dh
586000
9Ch
0Ch
639000
9Bh
0Bh
703000
9Ah
0Ah
781000
99h
09h
879000
98h
08h
Table 47.
GAIN_TAPER_map
fRF(max) (kHz)
fRF(max) (kHz)
fRF(max) (kHz)
GAIN_TAPER[4:0][1]
-
-
476300
19h
-
-
494800
18h
-
-
513300
17h
175800
-
531800
16h
181300
-
550300
15h
186900
216200
568900
14h
192400
228900
587400
13h
198000
241600
605900
12h
203500
254400
624400
11h
-
267100
642900
10h
-
279800
661400
0Fh
-
292500
679900
0Eh
-
305200
698400
0Dh
-
317900
716900
0Ch
-
330700
735400
0Bh
-
343400
753900
0Ah
-
356100
772500
09h
-
368800
791000
08h
-
381500
809500
07h
-
394200
828000
06h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com