| 전자부품 데이터시트 검색엔진 |
|
IXP45X 데이터시트(PDF) 98 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X 데이터시트(HTML) 98 Page - Intel Corporation |
|
98 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 98 Document Number: 306261-004US AB1 ETHC_RXCLK XXX AB2 ETH_MDIO XXX AB3 ETHB_TXDATA[2] SMII_TXDATA[2] X X Config. 1 only X Config. 1 only AB4 VSS XXX AB5 VSS XXX AB6 VSS XXX AB7 ETHB_RXDATA[2] SMII_RXDATA[2] X X Config. 1 only X Config. 1 only AB8 UTP_OP_DATA[5] X X AB9 VSS XXX AB10 UTP_OP_FCI X X AB11 VCCPLL2 XXX AB12 VCCPLL3 XXX AB13 VCC XXX AB14 PLL_LOCK X X X AB15 VCCP XXX AB16 RXDATA0 XXX AB17 GPIO[12] X X X AB18 GPIO[8] XXX AB19 VCCP XXX AB20 I2C_SDA XXX AB21 VSS XXX AB22 VCCP XXX AB23 EX_ADDR[1] X X X AB24 EX_PARITY[0] XXX AB25 EX_DATA[24] X X X AB26 EX_DATA[3] X X X Table 26. Processors’ Ball Map Assignments (Sheet 22 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |