전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXP45X 데이터시트(PDF) 38 Page - Intel Corporation

부품명 IXP45X
상세설명  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X 데이터시트(HTML) 38 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 34Page - Intel Corporation IXP45X Datasheet HTML 35Page - Intel Corporation IXP45X Datasheet HTML 36Page - Intel Corporation IXP45X Datasheet HTML 37Page - Intel Corporation IXP45X Datasheet HTML 38Page - Intel Corporation IXP45X Datasheet HTML 39Page - Intel Corporation IXP45X Datasheet HTML 40Page - Intel Corporation IXP45X Datasheet HTML 41Page - Intel Corporation IXP45X Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
38
Document Number: 306261-004US
Figure 5.
544-Pin Lead PBGA Package — First of Two Drawings
0.75
1.17
1.27
0.61
B3846-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More