| 전자부품 데이터시트 검색엔진 |
|
IXP45X 데이터시트(PDF) 18 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X 데이터시트(HTML) 18 Page - Intel Corporation |
|
18 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 18 Document Number: 306261-004US 3.1 Key Functional Units The following sections briefly describe the functional units and their interaction in the system. For more detailed information, refer to the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual. Unless otherwise specified, the functional descriptions apply to all of the IXP45X/ IXP46X network processors. For specific information on supported interfaces, refer to Table 1 on page 13. For model-specific block diagrams, see Figure 1 on page 15, Figure 2 on page 16, and Figure 3 on page 17. 3.1.1 Network Processor Engines (NPEs) The network processor engines (NPEs) are dedicated-function processors containing hardware coprocessors integrated into the IXP45X/IXP46X network processors. The NPEs are used to off load processing function required by the Intel XScale® processor. These NPEs are high-performance, hardware-multi-threaded processors with additional local-hardware-assist functionality used to off load highly processor-intensive functions such as MII (MAC), CRC checking/generation, AAL segmentation and re-assembly, AES, AES-CCM, DES, 3DES, SHA, MD-5, etc. All instruction code for the NPEs are stored locally and is accessed using a dedicated instruction memory bus. Likewise, a separate dedicated data memory bus allows accesses to local code store as well as DDR SDRAM via the AHB bus. These NPEs support processing of the dedicated peripherals that can include: • One UTOPIA Level 2 (Universal Test and Operation PHY Interface for ATM) interface • Two High-Speed Serial (HSS) interfaces • Up to three Media-Independent Interface (MII), up to three Serial Media Independent Interfaces (SMII), or some combination of each. Table 3 specifies the possible combination of interfaces for the NPEs contained on the IXP45X/IXP46X network processors. These configurations are determined by the factory programmed fuse settings or by software that configures the part during boot- up (see the Expansion Bus Configuration Register 1 (EXP_CNFG1) in the Expansion Bus Chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual for more details). The table assumes that all features are supported on the processor. For details on feature support listed by processor, see Table 1 on page 13. Table 3. Network Processor Functions Device UTOPIA HSS MII / SMII A MII / SMII B MII / SMII C AES / DES / 3DES HDLC SHA, MD- 5 Configuration 0 X X MII MII X 8 X Configuration 1 X X SMII MII X 8 X Configuration 2 X X SMII SMII X 8 X Configuration 3 X MII MII MII X 8 X Configuration 4 X MII SMII MII X 8 X Configuration 5 X MII SMII SMII X 8 X Configuration 6 X SMII SMII SMII X 8 X Configuration 7 X SMII SMII MII X 8 X |