전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM809 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STM809
상세설명  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STM809_10 Datasheet HTML 8Page - STMicroelectronics STM809_10 Datasheet HTML 9Page - STMicroelectronics STM809_10 Datasheet HTML 10Page - STMicroelectronics STM809_10 Datasheet HTML 11Page - STMicroelectronics STM809_10 Datasheet HTML 12Page - STMicroelectronics STM809_10 Datasheet HTML 13Page - STMicroelectronics STM809_10 Datasheet HTML 14Page - STMicroelectronics STM809_10 Datasheet HTML 15Page - STMicroelectronics STM809_10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Maximum ratings
STM809/810/811/812
12/21
Doc ID 9873 Rev 5
4
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC +0.3
V
VCC
Supply voltage
–0.3 to 7.0
V
IO
Output current
20
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21