전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM809 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STM809
상세설명  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STM809_10 Datasheet HTML 12Page - STMicroelectronics STM809_10 Datasheet HTML 13Page - STMicroelectronics STM809_10 Datasheet HTML 14Page - STMicroelectronics STM809_10 Datasheet HTML 15Page - STMicroelectronics STM809_10 Datasheet HTML 16Page - STMicroelectronics STM809_10 Datasheet HTML 17Page - STMicroelectronics STM809_10 Datasheet HTML 18Page - STMicroelectronics STM809_10 Datasheet HTML 19Page - STMicroelectronics STM809_10 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
STM809/810/811/812
16/21
Doc ID 9873 Rev 5
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Figure 15. SOT23-3 – 3-lead small outline transistor package outline
Note:
Drawing is not to scale.
Table 6.
SOT23-3 – 3-lead small outline transistor package mechanical data
SOT23-3
0.10 C
A
A2
A1
3X
C
C
L1
L
C
e1
D
e
3X b
E
M
0.15
CA B
B
E1
A
M
0.20
C A B
1
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.001
0.004
A2
0.88
1.02
0.035
0.042
b
0.30
0.50
0.012
0.020
C
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.89
1.03
0.035
0.041
e1
1.78
2.05
0.070
0.081
L
0.54
0.021
L1
0.40
0.60
0.016
0.024
Θ
0°
8°
0°
8°
N3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21