전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM809 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STM809
상세설명  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STM809_10 Datasheet HTML 11Page - STMicroelectronics STM809_10 Datasheet HTML 12Page - STMicroelectronics STM809_10 Datasheet HTML 13Page - STMicroelectronics STM809_10 Datasheet HTML 14Page - STMicroelectronics STM809_10 Datasheet HTML 15Page - STMicroelectronics STM809_10 Datasheet HTML 16Page - STMicroelectronics STM809_10 Datasheet HTML 17Page - STMicroelectronics STM809_10 Datasheet HTML 18Page - STMicroelectronics STM809_10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STM809/810/811/812
DC and AC parameters
Doc ID 9873 Rev 5
15/21
Push-button reset input
tMLMH
tMR
MR pulse width
10
µs
tMLRL
tMRD
MR to RST output
delay(3)
0.5
µs
MR glitch immunity(4)
100
ns
MR pull-up resistance
10
20
30
k
Ω
trec
RST pulse width
140
210
280
ms
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 1.2 V to 5.5 V (except where noted).
2.
For active high (RST); VCC = VRST (max)
3.
RST output for STM810/812
4.
“Glitches” of 100 ns or less typically will not generate a reset pulse.
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21