전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95256-RCS3TG/K 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M95256-RCS3TG/K
상세설명  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RCS3TG/K 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M95256-RCS3TG/K Datasheet HTML 18Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 19Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 20Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 21Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 22Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 23Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 24Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 25Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Instructions
M95256-DR, M95256, M95256-W, M95256-R
22/48
Doc ID 12276 Rev 11
Figure 12.
Page Write (WRITE) sequence
1.
The most significant address bit (b15) is Don’t Care.
5.6.1
ECC (error correction code) and Write cycling
The M95256 and M95256-D devices offer an ECC (error correction code) logic which
compares each 4-byte word with its associated 6 EEPROM bits of ECC. As a result, if a
single bit out of 4 bytes of data happens to be erroneous during a Read operation, the ECC
detects it and replaces it by the correct value. The read reliability is therefore much improved
by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed byte is cycled together with the three other bytes
making up the word. It is therefore recommended to write data in words (4 bytes) in order to
optimize the number of Write cycles.
The M95256 and M95256-D devices are qualified at 1 million (1 000 000) Write cycles,
using a cycling routine that writes to the device in multiples of 4-byte words.
C
D
AI01796D
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
Instruction
16-Bit Address
0
765432
0
1
Data Byte 1
31
43
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
65432
0
1
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48