| 전자부품 데이터시트 검색엔진 |
|
M95256-RCS3TG/K 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-RCS3TG/K 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 48 page ![]() M95256-DR, M95256, M95256-W, M95256-R Maximum rating Doc ID 12276 Rev 11 29/48 8 Maximum rating Stressing the device outside the ratings listed in Table 7 may cause permanent damage to the device. These are stress ratings only, and operation of the device at these, or any other conditions outside those indicated in the operating sections of this specification, is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 7. Absolute maximum ratings Symbol Parameter Min. Max. Unit Ambient temperature with power applied –40 130 °C TSTG Storage temperature –65 150 °C TLEAD Lead temperature during soldering see note (1) 1. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU. °C VO Output voltage –0.50 VCC+0.6 V VI Input voltage –0.50 6.5 V IOL DC output current (Q = 0) - 5 mA IOH DC output current (Q = 1) –5 - mA VCC Supply voltage –0.50 6.5 V VESD Electrostatic discharge voltage (human body model)(2) 2. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1=100pF, R1=1500 , R2=500 ) –4000 4000 V |