전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95256-RCS3TG/K 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 M95256-RCS3TG/K
상세설명  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RCS3TG/K 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button M95256-RCS3TG/K Datasheet HTML 20Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 21Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 22Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 23Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 24Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 25Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 26Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 27Page - STMicroelectronics M95256-RCS3TG/K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Instructions
M95256-DR, M95256, M95256-W, M95256-R
24/48
Doc ID 12276 Rev 11
5.8
Write Identification Page (available only in M95256-DR
devices)
The Identification Page (64 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode.
Writing this page is achieved with the Write Identification Page instruction (see Table 4), the
Chip Select signal (S) is first driven low. The bits of the instruction byte, address byte, and at
least one data byte are then shifted in on Serial Data input (D). Address bit A10 must be 0,
address bits [A23:A11] and [A9:A8] are Don't Care, the [A7:A0] address bits define the byte
address inside the identification page. The instruction is terminated by driving Chip Select
(S) high at a byte boundary of the input data. The self-timed write cycle triggered by the
rising edge of Chip Select (S) continues for a period tW (as specified in Table 20), at the end
of which the Write in Progress (WIP) bit is reset to 0.
In the case of Figure 14, Chip Select (S) is driven high after the eighth bit of the data byte
has been latched in, indicating that the instruction is being used to write a single byte.
However, if Chip Select (S) continues to be driven low, as shown in Figure 14, the next byte
of input data is shifted in, so that more than a single byte, starting from the given address
towards the end of the same page, can be written in a single internal write cycle. Each time
a new data byte is shifted in, the least significant bits of the internal address counter are
incremented. If the number of data bytes sent to the device exceeds the page boundary, the
internal address counter rolls over to the beginning of the page, and the previous data there
are overwritten with the incoming data. (The page size of these devices is 64 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
●
if the Write Enable Latch (WEL) bit has not been set to 1 (by previously executing a
Write Enable instruction)
●
if Status register bits (BP1, BP0) = (1, 1)
●
if a write cycle is already in progress
●
if the device has not been deselected, by Chip Select (S) being driven high, at a byte
boundary (after the eighth bit, b0, of the last data byte that was latched in)
●
if the Identification page is locked by the Lock Status bit
Figure 14.
Write Identification Page sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48