| 전자부품 데이터시트 검색엔진 |
|
RE46C190 데이터시트(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C190 데이터시트(HTML) 28 Page - Microchip Technology |
|
28 / 42 page ![]() RE46C190 DS22271A-page 28 2010 Microchip Technology Inc. 5.1.3 LOW BATTERY CHECK CURRENT The Low Battery Check Current is the current required for the low battery test. It includes both the loaded (RLED on) and unloaded (RLED Off) tests. The boost component of the loaded test represents the cost of charging the boost capacitor to the higher voltage level. This has a fixed cost for every loaded check, because the capacitor is gradually discharged during subsequent operations, and the energy is generally not recovered. The other calculations are similar to those shown in Equation 5-1. The unloaded test has a minimal contribution because it involves only some internal reference and comparator circuitry. 5.1.4 BATTERY LIFE When estimating the battery life, several additional factors must be considered. These include battery resistance, battery self discharge rate, capacitor leakages and the effect of the operating temperature on all of these characteristics. Some number of false alarms and user tests should also be included in any calculation. For ten year applications, a 3V spiral wound lithium manganese dioxide battery with a laser seal is recommended. These can be found with capacities of 1400 to 1600 mAh. |