| 전자부품 데이터시트 검색엔진 |
|
RE46C190 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C190 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 42 page ![]() 2010 Microchip Technology Inc. DS22271A-page 33 RE46C190 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 16-Lead SOIC (.150”) XXXXXXXXXXXXX XXXXXXXXXXXXX YYWWNNN Example RE46C190 1035256 3 e V/SL |