전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L152C4Y6 데이터시트(PDF) 91 Page - STMicroelectronics

부품명 STM8L152C4Y6
상세설명  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4Y6 데이터시트(HTML) 91 Page - STMicroelectronics

Back Button STM8L152C4Y6 Datasheet HTML 87Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 88Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 89Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 90Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 91Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 92Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 93Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 94Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
91/122
Figure 32.
Typical NRST pull-up current Ipu vs VDD
The reset network shown in Figure 33 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 40. Otherwise the reset is not taken into account internally.
Figure 33. Recommended NRST pin
configuration
0.01
μF
EXTERNAL
RESET
CIRCUIT
STM8L
Filter
RPU
VDD
INTERNAL RESET
RSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More