전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L152C4Y6 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STM8L152C4Y6
상세설명  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4Y6 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STM8L152C4Y6 Datasheet HTML 24Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 25Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 26Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 27Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 28Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 29Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 30Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 31Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
Pin description
STM8L151xx, STM8L152xx
28/122
Doc ID 15962 Rev 5
-5
5 D4
PA5/TIM3_BKIN/
[TIM3_TRIG](3)/
LCD_COM1(2)/ADC1_IN1/
COMP1_INP
I/O
X
XX
HS
X
X Port A5
Timer 3 - break input /
[Timer 3 - trigger] /
LCD_COM 1 /
ADC1 input 1 /
Comparator 1 positive
input
76
-
-
PA6/[ADC1_TRIG](3)/
LCD_COM2(2)/ADC1_IN0/
COMP1_INP
I/O
X
XX
HS
X
X Port A6
[ADC1 - trigger] /
LCD_COM2 /
ADC1 input 0 /
Comparator 1 positive
input
8
-
-
- PA7/LCD_SEG0(2)(4)
I/O FT
X
XX
HS
X
X Port A7
LCD segment 0
24 13 12 E3
PB0(5)/TIM2_CH1/
LCD_SEG10(2)/
ADC1_IN18/COMP1_INP
I/O
X(5) X(5)
XHS
X
X Port B0
Timer 2 - channel 1 /
LCD segment 10 /
ADC1_IN18 /
Comparator 1 positive
input
25 14 13 G1
PB1/TIM3_CH1/
LCD_SEG11(2)/
ADC1_IN17/COMP1_INP
I/O
X
XX
HS
X
X Port B1
Timer 3 - channel 1 /
LCD segment 11 /
ADC1_IN17 /
Comparator 1 positive
input
26 15 14 F2
PB2/ TIM2_CH2/
LCD_SEG12(2)/
ADC1_IN16/COMP1_INP
I/O
X
XX
HS
X
X Port B2
Timer 2 - channel 2 /
LCD segment 12 /
ADC1_IN16/
Comparator 1 positive
input
27
-
-
-
PB3/TIM2_TRIG/
LCD_SEG13(2)/
ADC1_IN15/COMP1_INP
I/O
X
XX
HS
X
X Port B3
Timer 2 - trigger / LCD
segment 13 /ADC1_IN15
/ Comparator 1 positive
input
-16
-
-
PB3/[TIM2_TRIG](3)/
TIM1_CH2N/LCD_SEG13
(2)/ADC1_IN15/
COMP1_INP
I/O
X
XX
HS
X
X Port B3
[Timer 2 - trigger] / Timer
1 inverted channel 2 /
LCD segment 13 /
ADC1_IN15 /
Comparator 1 positive
input
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More