전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L152C4Y6 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM8L152C4Y6
상세설명  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4Y6 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM8L152C4Y6 Datasheet HTML 25Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 26Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 27Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 28Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 29Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 30Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 31Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 32Page - STMicroelectronics STM8L152C4Y6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 5
29/122
--
15 E2
PB3/[TIM2_TRIG](3)/
TIM1_CH1N/
LCD_SEG13(2)/
ADC1_IN15/RTC_ALARM
/COMP1_INP
I/O
X
XX
HS
X
X Port B3
[Timer 2 - trigger] / Timer
1 inverted channel 1/
LCD segment 13 /
ADC1_IN15 /
RTC alarm/ Comparator
1 positive input
28
-
-
-
PB4(5)/[SPI1_NSS](3)/
LCD_SEG14(2)/
ADC1_IN14/COMP1_INP
I/O
X(5) X(5)
XHS
X
X Port B4
[SPI1 master/slave
select] / LCD segment
14 / ADC1_IN14 /
Comparator 1 positive
input
-17 16 D2
PB4(5)/[SPI1_NSS](3)/
LCD_SEG14(2)/
ADC1_IN14/
COMP1_INP/DAC_OUT
I/O
X(5) X(5)
XHS
X
X Port B4
[SPI1 master/slave
select] / LCD segment
14 / ADC1_IN14 /
DAC output /
Comparator 1 positive
input
29
-
-
-
PB5/[SPI1_SCK](3)/
LCD_SEG15(2)/
ADC1_IN13/COMP1_INP
I/O
X
XX
HS
X
X Port B5
[SPI1 clock] / LCD
segment 15 /
ADC1_IN13 /
Comparator 1 positive
input
-18 17 D1
PB5/[SPI1_SCK](3)/
LCD_SEG15(2)/
ADC1_IN13/DAC_OUT/
COMP1_INP
I/O
X
XX
HS
X
X Port B5
[SPI1 clock] / LCD
segment 15 /
ADC1_IN13 / DAC
output/
Comparator 1 positive
input
30
-
-
-
PB6/[SPI1_MOSI](3)/
LCD_SEG16(2)/
ADC1_IN12/COMP1_INP
I/O
X
XX
HS
X
X Port B6
[SPI1 master out/slave
in]/
LCD segment 16 /
ADC1_IN12 /
Comparator 1 positive
input
-19 18 F1
PB6/[SPI1_MOSI](3)/
LCD_SEG16(2)/
ADC1_IN12/COMP1_INP/
DAC_OUT
I/O
X
XX
HS
X
X Port B6
[SPI1 master out]/
slave in / LCD segment
16 / ADC1_IN12 / DAC
output / Comparator 1
positive input
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More