전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX8661 데이터시트(PDF) 38 Page - Semtech Corporation

부품명 SX8661
상세설명  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 데이터시트(HTML) 38 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 34Page - Semtech Corporation SX8661 Datasheet HTML 35Page - Semtech Corporation SX8661 Datasheet HTML 36Page - Semtech Corporation SX8661 Datasheet HTML 37Page - Semtech Corporation SX8661 Datasheet HTML 38Page - Semtech Corporation SX8661 Datasheet HTML 39Page - Semtech Corporation SX8661 Datasheet HTML 40Page - Semtech Corporation SX8661 Datasheet HTML 41Page - Semtech Corporation SX8661 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
38
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Figure 42
Simplified diagram of CN and CP
4.3
Host interface pins
The host interface consists of the interrupt pin INTB, a reset pin RESETB and the standard I2C pins: SCL and
SDA.
INTB
The INTB pin is an open drain output that requires an external pull-up resistor (1..10 kOhm). The INTB pin is
protected to VDD using dedicated devices. The INTB pin has diode protected to GROUND.
Figure 43 shows a simplified diagram of the INTB pin.
Figure 43
Simplified diagram of INTB
SX8661
ASI
CP
VANA
CN
VANA
VDD
R_INT
INTB
SX8661
INT
to host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88