전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX8661 데이터시트(PDF) 52 Page - Semtech Corporation

부품명 SX8661
상세설명  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 데이터시트(HTML) 52 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 48Page - Semtech Corporation SX8661 Datasheet HTML 49Page - Semtech Corporation SX8661 Datasheet HTML 50Page - Semtech Corporation SX8661 Datasheet HTML 51Page - Semtech Corporation SX8661 Datasheet HTML 52Page - Semtech Corporation SX8661 Datasheet HTML 53Page - Semtech Corporation SX8661 Datasheet HTML 54Page - Semtech Corporation SX8661 Datasheet HTML 55Page - Semtech Corporation SX8661 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
52
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Proximity Parameters
Address
Name
Bits
Description
0x20
ProxReporting
7:0
Defines triple or dual mode reporting of proximity on the GPIOs.
0x00: dual mode
0x7F: triple mode (default)
0x21
ProxIntensity
7:0
Defines the proximity ON intensity index.
0x00: 0
0x01: 1
…
0x64: 100 (default)
…
0xFF: 255
Table 19
Proximity Parameters
ProxDebounce
Defines the number of samples for determining proximity detection or out of proximity detection.
This parameter allows to set the debouncer of the proximity differently from the buttons debouncer.
ProxHysteresis
Proximity is detected if the ticks are getting larger as the value defined by:
CapThreshold0 + CapThreshold0 * hysteresis.
Out of proximity is detected if the ticks are getting smaller as the value defined by:
CapThreshold0 – CapThreshold0 * hysteresis.
ProxReporting
Defines the reporting mode of proximity (either dual or triple) on the GPIOs.
ProxIntensity
Defines the proximity intensity index (applicable in triple reporting mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88