전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4716 데이터시트(PDF) 75 Page - Microchip Technology

부품명 MCP4716
상세설명  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 데이터시트(HTML) 75 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 71Page - Microchip Technology MCP4716 Datasheet HTML 72Page - Microchip Technology MCP4716 Datasheet HTML 73Page - Microchip Technology MCP4716 Datasheet HTML 74Page - Microchip Technology MCP4716 Datasheet HTML 75Page - Microchip Technology MCP4716 Datasheet HTML 76Page - Microchip Technology MCP4716 Datasheet HTML 77Page - Microchip Technology MCP4716 Datasheet HTML 78Page - Microchip Technology MCP4716 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 75
MCP4706/4716/4726
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
XXNN
XXX
6-Lead DFN (2x2)
NNN
AAB
Example
425
Example
DC25
Address
Option
Code
MCP4706A0T-E/CH MCP4716A0T-E/CH MCP4726A0T-E/CH
A0 (00)
DBNN
DFNN
DKNN
A1 (01)
DCNN
DGNN
DLNN
A2 (10)
DDNN
DHNN
DMNN
A3 (11)
DENN
DJNN
DPNN
Address
Option
Code
MCP4706A0T-E/MA MCP4716A0T-E/MA MCP4726A0T-E/MA
A0 (00)
AAA
AAE
AAP
A1 (01)
AAB
AAF
AAQ
A2 (10)
AAC
AAG
AAR
A3 (11)
AAD
AAH
AAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86