| 전자부품 데이터시트 검색엔진 |
|
AS5050 데이터시트(PDF) 8 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5050 데이터시트(HTML) 8 Page - ams AG |
|
8 / 22 page ![]() www.austriamicrosystems.com Revision 1.12 8 - 22 AS5050 Datasheet - Detailed Descr i p ti on Figure 4. Interrupt Chaining 7.2 SPI Communication The transmitted data consists of 14-bit data, an Error-Flag and a Parity bit. When writing data to the chip, the Error-Flag is not applicable. The Parity is generated from the upper 15-bit and forms an even parity over the whole frame. The Error-Flag indicates that a failure occurred in a previous transmission. 7.2.1 Command Package Every command sent to the AS5050 is represented with the following layout. 7.2.2 Read Package (Value Read from AS5050) The read frame always contains two alarm bits, the error and parity flags and the addressed data of the previous read command. Table 6. Command Package Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB RWn Address <13:0> PAR Bit Description RWn Indicates read or write command Address 14-bit address code PAR Parity bit (EVEN) Table 7. Read Package Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB Data <13:0> EF PAR Bit Description Data 14-bit addressed data EF Error flag indicating a transmission error in a previous host transmission PAR Parity bit (EVEN) XINT XENINT =1 0 1 XINT XENINT 0 1 AS5050 (Device A) AS5050 (Device B) Micro controller XINT INT mode INT mode & =1 & |