전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC3001 데이터시트(PDF) 7 Page - Micrel Semiconductor

부품명 MIC3001
상세설명  FOM Management IC with Internal Calibration
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3001 데이터시트(HTML) 7 Page - Micrel Semiconductor

Back Button MIC3001_11 Datasheet HTML 3Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 4Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 5Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 6Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 7Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 8Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 9Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 10Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Micrel, Inc.
MIC3001
August 2004
7
M9999-082404-A
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
24-Pin MLF®
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Analog Input. Feedback voltage for the APC loop op-amp. Polarity and scale are
programmable via the APC configuration bits. Connect to VBIAS if APC is not used.
2
VMPD
Analog Input. Multiplexed A/D converter input for monitoring transmitted optical power via
a monitor photodiode. In most applications, VMPD will be connected directly to FB. The
input range is 0 - VREF or 0 - VREF/4 depending on the setting of the APC configuration
bits
3
GNDA
Ground return for analog functions.
4
VDDA
Power supply input for analog functions.
5
VILD–
Analog Input. Reference terminal for the multiplexed pseudo-differential A/D converter
inputs for monitoring laser bias current via a sense resistor (VILD+ is the sensing input).
Tie to VDD or GND to reference the voltage sensed on VILD+ to VDD or GND
respectively. Limited common-mode voltage range, see “Applications Information” section
for more details.
6
VILD+
Analog Input. Multiplexed A/D input for monitoring laser bias current via a sense resistor
(signal input); accommodates inputs referenced to VDD or GND (see pin 5 description).
Limited common-mode voltage range, see “Applications Information” section for more
details.
7
SHDN (TXFIN)
Digital output; Programmable polarity. When used as shutdown output (SHDN), asserted
at the detection of a fault condition that can be used to activate a second series transistor
in the laser current path, enhancing protection against single-point failures. When
programmed as TXFIN, it is an input for external fault signals to be ORed with the internal
fault sources to drive TXFAULT.
8
SHDN (TXFIN)
Analog Input. Multiplexed A/D converter input for monitoring received optical power. The
input range is 0 to VREF. A 5-bit programmable EEPOT on this pin provides for coarse
calibration and ranging of the RX power measurement.
9
XPN
Analog Input/Output. Optional connection to an external PN junction for sensing
temperature at a remote location. The Zone bit in OEMCFG1 determines whether
temperature is measured using the on-chip sensor or the remote PN junction.
10
TXFAULT
Digital Output; Open-Drain. A high level indicates a hardware fault impeding transmitter
operation. The state of this input is always reflected in the TXFLT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com