전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC3001 데이터시트(PDF) 9 Page - Micrel Semiconductor

부품명 MIC3001
상세설명  FOM Management IC with Internal Calibration
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3001 데이터시트(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3001_11 Datasheet HTML 5Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 6Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 7Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 8Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 9Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 10Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 11Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 12Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Micrel, Inc.
MIC3001
August 2004
9
M9999-082404-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage, VDD .................................+3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
DISABLE, RSIN................................. –0.3V to +6.0V
Voltage On Any Other Pin...............–0.3V to VDD+0.3V
Power Dissipation, TA = 85°C ............................... 1.5W
Junction Temperature (TJ) .................................. 150°C
Storage Temperature (TS).................. –65°C to +150°C
ESD Ratings(3)
Human Body Model............................................. 2kV
Machine Model .................................................. 300V
Soldering (20sec) .................................................260ºC
Operating Ratings(2)
Power Supply Voltage, VDDA/VDDD ..... +3.0V to +3.6V
Ambient Temperature Range (TA) ... –40°C to +105°C
Package Thermal Resistance
MLF
®
JA).............................................. 43°C/W
Electrical Characteristics
For typical values, TA = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V ≤
(VDDA = VDDD) ≤ 3.6V, T(min) ≤ TA ≤ T(max)(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
CLK = DATA = VDDD = VDDA;
TXDISABLE low; all DACs at full-scale;
all A/D inputs at full-scale; all other pins
open.
2.3
3.5
mA
IDD
Supply Current
CLK = DATA = VDDD = VDDA;
TXDISABLE high; FLTDAC at full-scale;
all A/D inputs at full-scale; all other pins
open.
2.3
3.5
mA
VPOR
Power-on Reset Voltage
All registers reset to default values;
A/D conversions initiated.
2.9
2.98
V
V
UVLO
Under-Voltage Lockout Threshold
Note 5
2.5
2.73
V
V
HYST
Power-on Reset Hysteresis Voltage
170
mV
t
POR
Power-on Reset Time
VDD > VPOR(4)
50
µs
VREF
Reference Voltage
1.210
1.225
1.24
0
V
∆V
REF/∆VDDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement
Error
–40°C ≤ TA ≤ +105°C(6)
±1
±3
°C
Remote Temperature
Measurement Error
–40°C ≤ TA ≤ +105°C(6)
±1
±3
°C
tCONV
Conversion Time
Note 4
60
ms
tSAMPLE
Sample Period
100
ms
Remote Temperature Input, XPN
XPN at high level, clamped to 0.6V.
192
400
µA
IF
Current to External Diode(4)
XPN at low level, clamped to 0.6V.
7
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com