전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC3001 데이터시트(PDF) 22 Page - Micrel Semiconductor

부품명 MIC3001
상세설명  FOM Management IC with Internal Calibration
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3001 데이터시트(HTML) 22 Page - Micrel Semiconductor

Back Button MIC3001_11 Datasheet HTML 18Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 19Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 20Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 21Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 22Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 23Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 24Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 25Page - Micrel Semiconductor MIC3001_11 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Micrel, Inc.
MIC3001
August 2004
22
M9999-082404-A
hbwhelp@micrel.com or (408) 955-1690
C/ ADC Result Registers Reading
In the present revision of MIC3001, the ADC result
registers should be read as 16 bit registers under internal
calibration while under external calibration they should be
read as 8 bit registers at the MSB address. For example,
TX power should be read under internal calibration as 16
bits at address A2h: 66–67 and under external calibration
as 8 bits at address A2h: 66h.
RXPOT
A
programmable,
non-volatile
digitally
controlled
potentiometer is provided for adjusting the gain of the
receive power measurement signal chain in the analog
domain. Five bits in the RXPOT register are used to set
and adjust the position of potentiometer. RXPOT
functions as a programmable divider or attenuator. It is
adjustable in steps from 1:1 (no divider action) down to
1/32 in steps of 1/32. If RXPOT is set to zero, the divider
is bypassed completely. There will be no scaling of the
input signal, and the resistor network will be disconnected
from the VRX pin. At all other settings of RXPOT, there
will be a 32kΩ (typical) load seen on VRX.
Figure 3. RXPOT Block Diagram
Laser Diode Bias Control
The MIC3001 can be configured to generate a constant
bias current using electrical feedback, or regulate average
transmitted optical power using a feedback signal from a
monitor photodiode, see Figure 4. An operational
amplifier is used to control laser bias current via the VBIAS
output. The VBIAS pin can drive a maximum of ±10mA.
An external bipolar transistor provides current gain. The
polarity of the op amp’s output is programmable
BIASREF in OEMCFG1 in order to accommodate either
NPN or PNP transistors that drive common anode and
common cathode laser, respectively. Additionally, the
polarity of the feedback signal is programmable for use
with either common-emitter or emitter-follower transistor
circuits.
Furthermore, the reference level for the APC circuit is
selectable to accommodate electrical, i.e., current feedback,
or optical feedback via a monitor photodiode. Finally, any
one of seven different internal feedback resistors can be
selected. This internal resistor can be used alone or in
parallel with an external resistor. This wide range of
adjustability (50:1) accommodates a wide range of
photodiode current, i.e, wide range of transmitter output
power. The APC operating point can be kept near the mid-
scale value of the APC DAC, insuring maximum SNR,
maximum effective resolution for digital diagnostics, and the
widest possible DAC adjustment range for temperature
compensation, etc. See Figure 5.
The APCCAL bit in OEMCAL0 is used to turn the APC
function on and off. It will be turned off in the MIC3001’s
default state as shipped from the factory. When APC is on,
the value in the selected APCSETx register is added to the
signed value taken from the APC look-up table and loaded
into the VBIAS DAC. When APC is off, the VBIAS DAC may
be written directly via the VBIAS register, bypassing the look-
up table entirely. This provides direct control of the laser
diode bias during setup and calibration. In either case, the
VBIAS DAC setting is reported in the APCDAC register. The
APCCFG bits determine the DACs response to higher or
lower numeric values.
Figure 4. MIC3001 APC and Modulation Control
Block Diagram
Figure 5. Programmable Feedback Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com