| 전자부품 데이터시트 검색엔진 |
|
BTS6480SF 데이터시트(PDF) 51 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF 데이터시트(HTML) 51 Page - Infineon Technologies AG |
|
51 / 73 page ![]() SPOC - BTS6480SF Diagnosis Data Sheet 51 Rev. 1.0, 2010-04-12 Figure 24 Automatic Current Sense Multiplexer Switching 9.6 Switch Bypass Diagnosis To detect short circuit to V BB, there is a switch bypass monitor implemented for all internal channels. In case of short circuit between the output pin OUT and V BB in ON-state, the current will flow through the power transistor as well as through the short circuit (bypass) with undefined ratio. As a result, the current sense signal will show lower values than expected by the load current. In OFF-state, the output voltage will stay close to V BB potential which means a small V DS. The switch bypass monitor compares the voltage V DS across the power transistor of that channel, which is selected by the current sense multiplexer (DCR.MUX) with threshold V DS(SB). The result of comparison can be read in SPI register DCR.SBM or in the standard diagnosis. AutoMUX_EXT .emf t V PCLK t PCR.PST t DCR.AMUX t t Ch. phase shift2 t V OUT5 t Ch. phase shift5 t t Synch. high B * Ch5 n* 1024 Set to0automatically ... ... t V OUT0 t V OUT2 t V OUT1 t Ch. phase shift1 t Synch. delay0 t Synch. high A * t sIS(ON) t ISSY delay ON/OFF t Synch. delay2 t Synch. high B * t Synch. high A * Ch0 Ch1 Ch2 t ISSY delay ON/OFF * t Synch. high A = 8 / (fPCLK or fINT) * t ISSY delay ON/OFF = 11 / (fPCLK or fINT) * t Synch. high B = 9 / (fPCLK or fINT) V ISSY V IS |