| 전자부품 데이터시트 검색엔진 |
|
BTS6480SF 데이터시트(PDF) 52 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF 데이터시트(HTML) 52 Page - Infineon Technologies AG |
|
52 / 73 page ![]() Data Sheet 52 Rev. 1.0, 2010-04-12 SPOC - BTS6480SF Diagnosis 9.7 Open Load in OFF-State For performing a dedicated open load in OFF-state detection a current source can be switched in parallel to the DMOS according to the Figure 18. The current source current can be programmed in two steps by the bit IECR.CSL . The following procedure is recommended to use: • Select the dedicated channel with the multiplexer • Enable the open load current with the DCR.CSOL bit • Read the DCR.SBM or the standard diagnosis • Disable the open load current with the DCR.CSOL bit |