| 전자부품 데이터시트 검색엔진 |
|
MPC5675K 데이터시트(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5675K 데이터시트(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 140 page ![]() Package pinouts and signal descriptions MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 25 Table 5. 473 MAPBGA supply pins Ball Number Ball Name Pad Type Ball Number Ball Name Pad Type VDD A3 VDD_HV_IO VDD_HV F15 VDD_LV_COR VDD_LV A14 VDD_HV_IO VDD_HV F16 VDD_LV_COR VDD_LV B22 VDD_HV_IO VDD_HV F17 VDD_LV_COR VDD_LV C1 VDD_HV_IO VDD_HV F18 VDD_LV_COR VDD_LV D8 VDD_HV_IO VDD_HV G6 VDD_LV_COR VDD_LV G2 VDD_HV_IO VDD_HV G18 VDD_LV_COR VDD_LV L20 VDD_HV_IO VDD_HV H6 VDD_LV_COR VDD_LV M2 VDD_HV_IO VDD_HV H18 VDD_LV_COR VDD_LV M4 VDD_HV_IO VDD_HV J6 VDD_LV_COR VDD_LV T4 VDD_HV_IO VDD_HV J18 VDD_LV_COR VDD_LV V2 VDD_HV_IO VDD_HV K6 VDD_LV_COR VDD_LV Y13 VDD_HV_IO VDD_HV K18 VDD_LV_COR VDD_LV Y20 VDD_HV_IO VDD_HV L6 VDD_LV_COR VDD_LV AB2 VDD_HV_IO VDD_HV L18 VDD_LV_COR VDD_LV AB22 VDD_HV_IO VDD_HV M6 VDD_LV_COR VDD_LV AC12 VDD_HV_ADR_0 VDD_HV_A M18 VDD_LV_COR VDD_LV AC15 VDD_HV_ADR_1 VDD_HV_A N6 VDD_LV_COR VDD_LV AC7 VDD_HV_ADR_23 VDD_HV_A N18 VDD_LV_COR VDD_LV AA9 VDD_HV_ADV VDD_HV_A P6 VDD_LV_COR VDD_LV H22 VDD_HV_DRAM VDD_HV P18 VDD_LV_COR VDD_LV L23 VDD_HV_DRAM VDD_HV R6 VDD_LV_COR VDD_LV P23 VDD_HV_DRAM VDD_HV R18 VDD_LV_COR VDD_LV U22 VDD_HV_DRAM VDD_HV T6 VDD_LV_COR VDD_LV R20 VDD_HV_DRAM_VREF VDD_HV T18 VDD_LV_COR VDD_LV H21 VDD_HV_DRAM_VTT VDD_HV U6 VDD_LV_COR VDD_LV L21 VDD_HV_DRAM_VTT VDD_HV U18 VDD_LV_COR VDD_LV D13 VDD_HV_FLA VDD_HV V6 VDD_LV_COR VDD_LV V1 VDD_HV_OSC VDD_HV V7 VDD_LV_COR VDD_LV D16 VDD_HV_PDI VDD_HV V8 VDD_LV_COR VDD_LV D20 VDD_HV_PDI VDD_HV V9 VDD_LV_COR VDD_LV AC17 VDD_HV_PMU VDD_HV V10 VDD_LV_COR VDD_LV F6 VDD_LV_COR VDD_LV V11 VDD_LV_COR VDD_LV F7 VDD_LV_COR VDD_LV V12 VDD_LV_COR VDD_LV |