전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8531U2DA 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 PCF8531U2DA
상세설명  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U2DA 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button PCF8531U2DA Datasheet HTML 3Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 4Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 5Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 6Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 7Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 8Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 9Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 10Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
7 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
VLCDOUT
17
3099.5
823.4
voltage multiplier output (VLCD)
[3]
VLCDOUT
18
3029.5
823.4
VLCDOUT
19
2959.5
823.4
VLCDOUT
20
2889.5
823.4
VLCDOUT
21
2819.5
823.4
VLCDOUT
22
2749.5
823.4
VLCDOUT
23
2679.5
823.4
VLCDIN
24
2539.5
823.4
LCD supply voltage (VLCD)
[2]
VLCDIN
25
2469.5
823.4
VLCDIN
26
2399.5
823.4
VLCDIN
27
2329.5
823.4
VLCDIN
28
2259.5
823.4
VLCDIN
29
2189.5
823.4
VLCDIN
30
2119.5
823.4
RES
31
1979.5
823.4
external reset input (active LOW)
[4]
VDD3
32
1699.5
823.4
supply voltage 3
[5]
VDD3
33
1629.5
823.4
VDD3
34
1559.5
823.4
VDD2
35
1279.5
823.4
supply voltage 2
[5]
VDD2
36
1209.5
823.4
VDD2
37
1139.5
823.4
VDD2
38
1069.5
823.4
VDD2
39
999.5
823.4
VDD2
40
929.5
823.4
VDD2
41
859.5
823.4
VDD2
42
789.5
823.4
VDD1
43
649.5
823.4
supply voltage 1
[5]
VDD1
44
579.5
823.4
VDD1
45
509.5
823.4
VDD1
46
439.5
823.4
VDD1
47
369.5
823.4
VDD1
48
299.5
823.4
VDD1
49
229.5
823.4
SDA
50
19.5
823.4
serial data line input of the I2C-bus
SDA
51
−50.5
823.4
SDACK
52
−400.5
823.4
serial data acknowledge output
[6]
-53
−750.5
823.4
dummy
SA0
54
−820.5
823.4
I2C-bus slave address input; bit 0
ENR
55
−1100.5
823.4
enable internal Power-On Reset (POR)
input
[7]
Table 5.
Bonding pad description …continued
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2).
Symbol
Pad
X (
μm)
Y (
μm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51