전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F04KA201 데이터시트(PDF) 14 Page - Microchip Technology

부품명 PIC24F04KA201
상세설명  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 데이터시트(HTML) 14 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 10Page - Microchip Technology PIC24F04KA201 Datasheet HTML 11Page - Microchip Technology PIC24F04KA201 Datasheet HTML 12Page - Microchip Technology PIC24F04KA201 Datasheet HTML 13Page - Microchip Technology PIC24F04KA201 Datasheet HTML 14Page - Microchip Technology PIC24F04KA201 Datasheet HTML 15Page - Microchip Technology PIC24F04KA201 Datasheet HTML 16Page - Microchip Technology PIC24F04KA201 Datasheet HTML 17Page - Microchip Technology PIC24F04KA201 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 14
Advance Information
© 2008 Microchip Technology Inc.
3.7
Writing Data EEPROM
Figure 3-9 illustrates the flow of programming the data
EEPROM memory. The procedure is the same as
writing code memory. The only difference is that only
one word is programmed in each operation. When
writing data EEPROM, one word is programmed during
each operation. Working register, W0, is used as a
temporary
holding register
for
the data to
be
programmed.
Table 3-6 provides the ICSP programming details for
writing data EEPROM.
FIGURE 3-9:
PROGRAM DATA EEPROM MEMORY FLOW
Note:
The TBLPAG register is hard-coded to
0x7F (the upper byte address of all
locations of data EEPROM).
Start Write Sequence
All
locations
done?
No
End
Start
Yes
Load 2 Bytes
to Write
Buffer at <Addr>
and Poll for WR bit
to be Cleared
LoopCount = 0
Configure
Device for
Writes
LoopCount =
LoopCount + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48