전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85162 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 PCF85162
상세설명  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85162 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button PCF85162 Datasheet HTML 17Page - NXP Semiconductors PCF85162 Datasheet HTML 18Page - NXP Semiconductors PCF85162 Datasheet HTML 19Page - NXP Semiconductors PCF85162 Datasheet HTML 20Page - NXP Semiconductors PCF85162 Datasheet HTML 21Page - NXP Semiconductors PCF85162 Datasheet HTML 22Page - NXP Semiconductors PCF85162 Datasheet HTML 23Page - NXP Semiconductors PCF85162 Datasheet HTML 24Page - NXP Semiconductors PCF85162 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PCF85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2011
21 of 46
NXP Semiconductors
PCF85162
Universal LCD driver for low multiplex rates
[1]
The blink frequency is proportional to the clock frequency (fclk). For the range of the clock frequency see
Table 19.
The entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 11).
7.12 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The
commands available to the PCF85162 are defined in Table 9.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 18. When this bit is set, it indicates that the next byte of the transfer to
arrive will also represent a command. If this bit is reset, it indicates that the command byte
is the last in the transfer. Further bytes will be regarded as display data (see Table 10).
Table 8.
Blink frequencies[1]
Blink mode
Blink frequency equation
off
-
1
2
3
f
blink
f
clk
768
----------
=
f
blink
f
clk
1536
-------------
=
f
blink
f
clk
3072
-------------
=
Table 9.
Definition of PCF85162 commands
Bit position labeled as - is not used.
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
-
E
B
M[1:0]
Table 11
load-data-pointer
C
0
0
P[4:0]
Table 12
device-select
C
110
0A[2:0]
Table 13
bank-select
C
1
1
1
1
0
I
O
Table 14
blink-select
C
1
1
1
0
AB
BF[1:0]
Table 15
Table 10.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com