전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85162 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 PCF85162
상세설명  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85162 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button PCF85162 Datasheet HTML 29Page - NXP Semiconductors PCF85162 Datasheet HTML 30Page - NXP Semiconductors PCF85162 Datasheet HTML 31Page - NXP Semiconductors PCF85162 Datasheet HTML 32Page - NXP Semiconductors PCF85162 Datasheet HTML 33Page - NXP Semiconductors PCF85162 Datasheet HTML 34Page - NXP Semiconductors PCF85162 Datasheet HTML 35Page - NXP Semiconductors PCF85162 Datasheet HTML 36Page - NXP Semiconductors PCF85162 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
PCF85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2011
33 of 46
NXP Semiconductors
PCF85162
Universal LCD driver for low multiplex rates
Fig 22. Driver timing waveforms
Fig 23. I2C-bus timing waveforms
013aaa298
tPD(drv)
tSYNC_NL
tPD(SYNC_N)
CLK
SYNC
BPn, Sn
tclk(H)
tclk(L)
1 / fclk
0.7 VDD
0.3 VDD
0.7 VDD
0.3 VDD
10 %
80 %
10 %
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com