| 전자부품 데이터시트 검색엔진 |
|
PCF85162 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85162 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 46 page ![]() PCF85162 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 3 — 16 June 2011 5 of 46 NXP Semiconductors PCF85162 Universal LCD driver for low multiplex rates 7. Functional description The PCF85162 is a versatile peripheral device designed to interface between any microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 3). It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 32 segments. The possible display configurations of the PCF85162 depend on the number of active backplane outputs required. A selection of display configurations is shown in Table 4. All of these configurations can be implemented in the typical system shown in Figure 4. [1] 7 segment display has 8 elements including the decimal point. [2] 14 segment display has 16 elements including decimal point and accent dot. Fig 3. Example of displays suitable for PCF85162 Table 4. Selection of possible display configurations Number of Backplanes Icons Digits/Characters Dot matrix/ Elements 7-segment[1] 14-segment[2] 4 128 16 8 128 dots (4 32) 396 12 6 96 dots (3 32) 264 8 464 dots (2 32) 132 4 232 dots (1 32) 7-segment with dot 14-segment with dot and accent 013aaa312 dot matrix |