| 전자부품 데이터시트 검색엔진 |
|
ACT5830 데이터시트(PDF) 22 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5830 데이터시트(HTML) 22 Page - Active-Semi, Inc |
|
22 / 41 page ![]() LOW-DROPOUT LINEAR REGULATORS ACT5830 Rev 2, 20-Jan-11 Innovative Power TM - 22 - www.active-semi.com Copyright © 2010 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. I 2CTM is a trademark of NXP. ® LDOx/VSETx[2:0] 00 01 10 11 000 1.4 2.15 2.55 3.0 001 1.5 2.20 2.60 3.1 010 1.6 2.25 2.65 3.2 011 1.7 2.30 2.70 3.3 100 1.8 2.35 2.75 3.4 101 1.9 2.40 2.80 3.5 110 2.0 2.45 2.85 3.6 111 2.1 2.50 2.90 3.7 LDOx/VSETx[4:3] Table 7: LDO1234568/VSET[ ] Output Voltage Settings Table 8: LDO7/VSET[ ] Output Voltage Settings REGISTER DESCRIPTIONS CONT’D LDO7/VSET [3:0] LDO7/VSET[5:4] LDO7/VRANGE[ ] = [0] LDO7/VRANGE[ ] = [1] 00 01 10 11 00 01 10 11 0000 0.645 1.050 1.455 1.860 1.250 2.050 2.850 3.650 0001 0.670 1.075 1.480 1.890 1.300 2.100 2.900 3.700 0010 0.695 1.100 1.505 1.915 1.350 2.150 2.950 N/A 0011 0.720 1.125 1.530 1.940 1.400 2.200 3.000 N/A 0100 0.745 1.150 1.555 1.965 1.450 2.250 3.050 N/A 0101 0.770 1.175 1.585 1.990 1.500 2.300 3.100 N/A 0110 0.795 1.200 1.610 2.015 1.550 2.350 3.150 N/A 0111 0.820 1.225 1.635 2.040 1.600 2.400 3.200 N/A 1000 0.845 1.255 1.660 2.065 1.650 2.450 3.250 N/A 1001 0.870 1.280 1.685 2.090 1.700 2.500 3.300 N/A 1010 0.895 1.305 1.710 2.115 1.750 2.550 3.350 N/A 1011 0.920 1.330 1.735 2.140 1.800 2.600 3.400 N/A 1100 0.950 1.355 1.760 2.165 1.850 2.650 3.450 N/A 1101 0.975 1.380 1.785 2.190 1.900 2.700 3.500 N/A 1110 1.000 1.405 1.810 2.200 1.950 2.750 3.550 N/A 1111 1.025 1.430 1.835 2.245 2.000 2.800 3.600 N/A (N/A): Not Available |