| 전자부품 데이터시트 검색엔진 |
|
CU4032K14AUTOG2 데이터시트(PDF) 20 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
CU4032K14AUTOG2 데이터시트(HTML) 20 Page - EPCOS |
|
20 / 30 page ![]() Good and poor solder joints caused by amount of solder in reflow soldering. 5 Conductive adhesion Attaching surface-mounted devices (SMDs) with electrically conductive adhesives is a commer- cially attractive method of component connection to supplement or even replace conventional sol- dering methods. Electrically conductive adhesives consist of a non-conductive plastic (epoxy resin, polyimide or silicon) in which electrically conductive metal particles (gold, silver, palladium, nickel, etc) are em- bedded. Electrical conduction is effected by contact between the metal particles. Adhesion is particularly suitable for meeting the demands of hybrid technology. The adhesives can be deposited ready for production requirements by screen printing, stamping or by dis- pensers. As shown in the following table, conductive adhesion involves two work operations fewer than soldering. Reflow soldering Wave soldering Conductive adhesion Screen-print solder paste Apply glue dot Screen-print conductive adhesive Mount SMD Mount SMD Mount SMD Predry solder paste Cure glue Cure adhesive Reflow soldering Wave soldering Inspect Wash Wash Inspect Inspect SMD disk varistors (CU varistors) Automotive series Page 20 of 30 Please read Cautions and warnings and Important notes at the end of this document. |