전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CU4032K14AUTOG2 데이터시트(PDF) 29 Page - EPCOS

부품명 CU4032K14AUTOG2
상세설명  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K14AUTOG2 데이터시트(HTML) 29 Page - EPCOS

Back Button CU4032K14AUTOG2 Datasheet HTML 22Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 23Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 24Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 25Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 26Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 27Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 28Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 29Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 30Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Conductive adhesive gluing
Only multilayer varistors (MLVs) with an AgPd termination are approved for conductive
adhesive gluing.
Operation
Use CTVS only within the specified operating temperature range.
Use CTVS only within specified voltage and current ranges.
Environmental conditions must not harm a CTVS. Only use them in normal atmospheric
conditions. Reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited.
Prevent a CTVS from contacting liquids and solvents. Make sure that no water enters a CTVS
(e.g. through plug terminals).
Avoid dewing and condensation.
EPCOS CTVS components are mainly designed for encased applications. Under all
circumstances avoid exposure to:
direct sunlight
rain or condensation
steam, saline spray
corrosive gases
atmosphere with reduced oxygen content
EPCOS CTVS devices are not suitable for switching applications or voltage stabilization where
static power dissipation is required.
Multilayer varistors (MLVs) are designed for ESD protection and transient suppression.
CeraDiodes are designed for ESD protection only, ESD/EMI filters are designed for ESD and
EMI protection only.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.
SMD disk varistors (CU varistors)
Automotive series
Page 29 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30