전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC4310 데이터시트(PDF) 71 Page - NXP Semiconductors

부품명 LPC4310
상세설명  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 데이터시트(HTML) 71 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 67Page - NXP Semiconductors LPC4310 Datasheet HTML 68Page - NXP Semiconductors LPC4310 Datasheet HTML 69Page - NXP Semiconductors LPC4310 Datasheet HTML 70Page - NXP Semiconductors LPC4310 Datasheet HTML 71Page - NXP Semiconductors LPC4310 Datasheet HTML 72Page - NXP Semiconductors LPC4310 Datasheet HTML 73Page - NXP Semiconductors LPC4310 Datasheet HTML 74Page - NXP Semiconductors LPC4310 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 149 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 10. LPC4350/30/20/10 Memory mapping (peripherals)
reserved
peripheral bit band alias region
high-speed GPIO
reserved
reserved
reserved
reserved
0x4000 0000
0x0000 0000
0x4001 2000
0x4004 0000
0x4005 0000
0x4010 0000
0x4400 0000
0x6000 0000
0xFFFF FFFF
AHB peripherals
SRAM memories
external memory banks
APB0 peripherals
APB1 peripherals
reserved
reserved
reserved
RTC domain peripherals
0x4006 0000
0x4008 0000
0x4009 0000
0x400A 0000
0x400B 0000
0x400C 0000
0x400D 0000
0x400E 0000
0x400F 0000
0x400F 1000
0x400F 2000
0x400F 4000
0x400F 8000
clocking/reset peripherals
APB2 peripherals
APB3 peripherals
SGPIO
SPI
0x4010 1000
0x4010 2000
0x4200 0000
reserved
external memories and
ARM private bus
APB2
peripherals
0x400C 1000
0x400C 2000
0x400C 3000
0x400C 4000
0x400C 6000
0x400C 8000
0x400C 7000
0x400C 5000
0x400C 0000
RI timer
USART2
USART3
timer2
timer3
SSP1
QEI
APB1
peripherals
0x400A 1000
0x400A 2000
0x400A 3000
0x400A 4000
0x400A 5000
0x400B 0000
0x400A 0000
motor control PWM
I2C0
I2S0
I2S1
C_CAN1
reserved
AHB
peripherals
0x4000 1000
0x4000 0000
SCT
0x4000 2000
0x4000 3000
0x4000 4000
0x4000 6000
0x4000 8000
0x4001 0000
0x4001 2000
0x4000 9000
0x4000 7000
0x4000 5000
DMA
SD/MMC
EMC
USB1
LCD
USB0
reserved
SPIFI
ethernet
reserved
0x4008 1000
0x4008 0000
WWDT
0x4008 2000
0x4008 3000
0x4008 4000
0x4008 6000
0x4008 A000
0x4008 7000
0x4008 8000
0x4008 9000
0x4008 5000
UART1 w/ modem
SSP0
timer0
timer1
SCU
GPIO interrupts
GPIO GROUP0 interrupt
GPIO GROUP1 interrupt
USART0
RTC domain
peripherals
0x4004 1000
0x4004 0000
alarm timer
0x4004 2000
0x4004 3000
0x4004 4000
0x4004 6000
0x4004 7000
0x4004 5000
power mode control
CREG
event router
OTP controller
reserved
reserved
RTC
backup registers
clocking
reset control
peripherals
0x4005 1000
0x4005 0000
CGU
0x4005 2000
0x4005 3000
0x4005 4000
0x4006 0000
CCU2
RGU
CCU1
LPC4350/30/20/10
002aaf775
reserved
reserved
APB3
peripherals
0x400E 1000
0x400E 2000
0x400E 3000
0x400E 4000
0x400F 0000
0x400E 5000
0x400E 0000
I2C1
DAC
C_CAN0
ADC0
ADC1
reserved
GIMA
APB0
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More