| 전자부품 데이터시트 검색엔진 |
|
LPC4310 데이터시트(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4310 데이터시트(HTML) 19 Page - NXP Semiconductors |
|
19 / 149 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 3.1 — 5 January 2012 19 of 149 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P2_11 F16 x A9 148 105 72 [3] I; PU I/O GPIO1[11] — General purpose digital input/output pin. O CTOUT_5 — SCT output 5. Match output 1 of timer 1. I U2_RXD — Receiver input for USART2. I/O EMC_A2 — External memory address line 2. - R — Function reserved. - R — Function reserved. - R — Function reserved. - R — Function reserved. P2_12 E15 x B9 153 106 73 [3] I; PU I/O GPIO1[12] — General purpose digital input/output pin. O CTOUT_4 — SCT output 4. Match output 0 of timer 1. - R — Function reserved. I/O EMC_A3 — External memory address line 3. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O U2_UCLK — Serial clock input/output for USART2 in synchronous mode. P2_13 C16 x A10 156 108 75 [3] I; PU I/O GPIO1[13] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. - R — Function reserved. I/O EMC_A4 — External memory address line 4. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O U2_DIR — RS-485/EIA-485 output enable/direction control for USART2. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |