| 전자부품 데이터시트 검색엔진 |
|
LPC4310 데이터시트(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4310 데이터시트(HTML) 33 Page - NXP Semiconductors |
|
33 / 149 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 3.1 — 5 January 2012 33 of 149 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P7_2 A16 x - 165 115 - [3] I; PU I/O GPIO3[10] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. I/O I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O LCD_VD18 — LCD data. O LCD_VD6 — LCD data. - R — Function reserved. I U2_RXD — Receiver input for USART2. I/O SGPIO6 — General purpose digital input/output pin. P7_3 C13 x - 167 117 - [3] I; PU I/O GPIO3[11] — General purpose digital input/output pin. I CTIN_3 — SCT input 3. Capture input 1 of timer 1. - R — Function reserved. O LCD_VD17 — LCD data. O LCD_VD5 — LCD data. - R — Function reserved. - R — Function reserved. - R — Function reserved. P7_4 C8 x - 189 132 - [6] I; PU I/O GPIO3[12] — General purpose digital input/output pin. O CTOUT_13 — SCT output 13. Match output 1 of timer 3. - R — Function reserved. O LCD_VD16 — LCD data. O LCD_VD4 — LCD data. O TRACEDATA[0] — Trace data, bit 0. - R — Function reserved. - R — Function reserved. I ADC0_4 — ADC0, input channel 4. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |