전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXLD1371QESTTC 데이터시트(PDF) 12 Page - Diodes Incorporated

부품명 ZXLD1371QESTTC
상세설명  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC 데이터시트(HTML) 12 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 10Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 11Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ZXLD1371
Document number
Typical C
r: DS35436 Rev. 1
Characteris
100
90
80
70
60
50
40
- 2
stics – Boo
4 LEDs
0
0
0
0
0
0
0
ww
ost Mode – IL
6 LEDs
8 L
12 of 42
ww.diodes.com
LED = 350mA
LEDs
10 LEDs
A
Dio
A – RS = 150m
T =
L = 3
R9 =
C
=
A
IN
12 LEDs
14
A Product Lin
odes Incorpor
m
Ω – GIRATIO
25°C,
3µH, R = 150m ,
120k , R10 = 36k
= 100µF
S
V
= V
AUX
IN
Ω
ΩΩ
LEDs
16 LEDs
ZX
Febru
© Diodes
ne of
rated
O = 0.23
s
LD1371
uary 2012
Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com