전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXLD1371QESTTC 데이터시트(PDF) 15 Page - Diodes Incorporated

부품명 ZXLD1371QESTTC
상세설명  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC 데이터시트(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 11Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
15 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Boost Mode – 8 LEDs – GIRATIO = 0.23
6
57
8
10
911
12
13
14
15
16
17
18
19
20
V
(V)
IN
I
= 500mA
LED
I
= 150mA
LED
0.10
0.20
0.30
0.40
0.50
0.60
I
= 350mA
LED
T = 25 C, V
= V
8 LEDs, L = 33µH
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
IN
°
ΩΩ
6
57
8
10
911
12
13
14
15
16
17
18
19
20
V
(V)
IN
I
= 150mA
LED
I
= 500mA
LED
0
100
200
300
400
500
600
700
800
I
= 350mA
LED
T = 25 C, V
= V
8 LEDs, L = 33µH
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
IN
°
ΩΩ
6
57
8
10
911
12
13
14
15
16
17
18
19
20
V
(V)
IN
I
= 150mA
LED
I
= 500mA
LED
40
60
70
80
90
100
I
= 350mA
LED
T = 25 C, V
= V
8 LEDs, L = 33µH
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
IN
°
ΩΩ
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com