전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXLD1371QESTTC 데이터시트(PDF) 22 Page - Diodes Incorporated

부품명 ZXLD1371QESTTC
상세설명  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC 데이터시트(HTML) 22 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
22 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
ILED = I
RS
1-D =
0.225
RS
GI_ADJ
VADJ
VREF
(Boost and Buck-boost)
Equation 4
This shows that the LED current depends on the ADJ pin voltage, the reference voltage and 3 resistor values (RS, RGI1
and RGI2). It is independent of the input and output voltages.
If the ADJ pin is connected to the REF pin, this simplifies to
ILED =
0.225
RS
GI_ADJ
(Boost and Buck-boost)
Now ILED is dependent only on the 3 resistor values.
Considering power dissipation and accuracy, it is useful to know how the mean sense voltage varies with input voltage and
other parameters.
VRS= IRS RS = 0.225
GI_ADJ
1-D
VADJ
VREF
(Boost and Buck-boost)
Equation 5
This shows that the sense voltage varies with duty cycle in Boost and Buck-boost configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com