| 전자부품 데이터시트 검색엔진 |
|
SC667201MMG1 데이터시트(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC667201MMG1 데이터시트(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 120 page ![]() NEXUS13 EVTI Nexus event in P 01 231 I VDDEH7 / MultiV — / Up EVTI / Up 116 E15 H20 EVTO14 Nexus event out P 01 227 O VDDEH7 / MultiV ABR/Up EVTO / — 120 D15 G20 MCKO Nexus message clock out P — 21911 OVRC33 / Fast —MCKO / — 14 F15 F1 MDO[0] Nexus message data out P 01 220 O VRC33 / Fast — MDO[0] / — 17 A14 F3 MDO[1] Nexus message data out P 01 221 O VRC33 / Fast — MDO[1] / — 18 B14 G2 MDO[2] Nexus message data out P 01 222 O VRC33 / Fast — MDO[2] / — 19 A13 G3 MDO[3] Nexus message data out P 01 223 O VRC33 / Fast — MDO[3] / — 20 B13 G4 MDO[4] ETPUA2_O GPIO[75] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 75 O O I/O VDDEH7 / MultiV —— / — 126 P10 B19 MDO[5] ETPUA4_O GPIO[76] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 76 O O I/O VDDEH7 / MultiV —— / — 129 T10 B20 MDO[6] ETPUA13_O GPIO[77] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 77 O O I/O VDDEH7 / MultiV —— / — 135 T11 C18 MDO[7] ETPUA19_O GPIO[78] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 78 O O I/O VDDEH7 / MultiV —— / — 136 N11 B18 MDO[8] ETPUA21_O GPIO[79] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 79 O O I/O VDDEH7 / MultiV —— / — 137 P11 A18 MDO[9] ETPUA25_O PIO[80] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 80 O O I/O VDDEH7 / MultiV —— / — 139 T7 D18 MDO[10] ETPUA27_O GPIO[81] Nexus message data out eTPU A channel (output only) GPIO P A1 G 01 10 00 81 O O I/O VDDEH7 / MultiV —— / — 134 R10 A19 MDO[11] ETPUA29_O GPIO[82] Nexus message data out eTPU A channel (output only) GPIO[82] P A1 G 01 10 00 82 O O I/O VDDEH7 / MultiV —— / — 124 P9 C19 Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |