전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC667201MMG1 데이터시트(PDF) 77 Page - Freescale Semiconductor, Inc

부품명 SC667201MMG1
상세설명  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 데이터시트(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 73Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 74Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 75Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 76Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 77Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 78Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 79Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 80Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
77
Electrical characteristics
3.11
Temperature sensor electrical characteristics
3.12
eQADC electrical characteristics
14 V
IHEXT cannot exceed VRC33 in external reference mode.
15 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits
in the synthesizer control register (SYNCR).
16 Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 26. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
—
CC
C Temperature
monitoring range
–40
—
150
°C
—
CC
C Sensitivity
—
6.3
—
mV/°C
—
CC
C Accuracy
TJ = –40 to 150 °C
–10
—
10
°C
Table 27. eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
D
Conversion cycles
2+13
128+14
ADCLK cycles
TSR
CC
C
Stop mode recovery time1
1 Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to
the time that the ADC is ready to perform conversions.Delay from power up to full accuracy = 8 ms.
—10
s
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
mV
Table 28. eQADC single ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
OFFNC
CC
C
Offset error without calibration
0
160
Counts
OFFWC
CC
C
Offset error with calibration
–4
4
Counts
GAINNC
CC
C
Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C
Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T
Disruptive input injection current 1, 2, 3, 4
–3
3
mA
EINJ
CC
T
Incremental error due to injection current5,6
–4
4
Counts
TUE8
CC
C
Total unadjusted error (TUE) at 8 MHz
–4
46
Counts
TUE16
CC
C
Total unadjusted error at 16 MHz
–8
8
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com