전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC667201MMG1 데이터시트(PDF) 57 Page - Freescale Semiconductor, Inc

부품명 SC667201MMG1
상세설명  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 데이터시트(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
57
Electrical characteristics
6 All functional non-supply I/O pins are clamped to V
SS and VDDE, or VDDEH.
7 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
8 AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of
60 hours over the complete lifetime of the device (injection current not limited for this duration).
9 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDEH supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage
specifications.
10 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDE supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage
specifications.
11 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
12 Total injection current for all analog input pins must not exceed 15 mA.
13 Lifetime operation at these specification limits is not guaranteed.
14 Solder profile per IPC/JEDEC J-STD-020D
15 Moisture sensitivity per JEDEC test method A112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com