전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JT107MG48 데이터시트(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 JT107MG48
상세설명  Ceramics discriminator for FM receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

JT107MG48 데이터시트(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  JT107MG48 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
6
8.2
Section of package
Package is made of corrugated paper with thickness of
0.8cm.Package has 2 inner boxes, each has 20 inner boxes (each
box
for plastic bag).
8.3
Quantity of package
Per plastic bag
500 pieces
Per inner box
3 plastic bag
Per package
40 inner boxes(60000 pieces of
piezoelectric
ceramic part )
NO.
Name
Quantity
Notes
1
Inner
Box
40
2
Box
2
3
Package
1
4
Adhesive tape
1.2m
5
Label
1
6
Belt
2.9m
7
Certificate of approval
1



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com