전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JT107MG48 데이터시트(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 JT107MG48
상세설명  Ceramics discriminator for FM receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

JT107MG48 데이터시트(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  JT107MG48 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd JT107MG48 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
5.2.1
Input Signal:Input Level:112dBμV
Modulation Frequency:1000Hz
Frequency Deviation: ±75kHz
5.2.2 Center Frequency(fo): Center frequency is defined as the
frequency at that D.C.output voltage shall correspond to 0.6V.
5.2.3 Recovered Audio Voltage: It is defined as the recovered audio
voltage at center frequency(fo).
5.2.4 Distortion: It is defined as the distortion at center frequency(fo).
5.2.5 Recovered Audio 3dB Bandwidth: It is defined as the difference
between the two frequencies where the recovered audio voltage
3dB from the level of center frequency(fo).
6
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No
Item
Condition of Test
Performance
Requirements
6.1
Humidity
Subject the resonator at +40 ℃± 2 ℃ and
90%~95% R.H. for 100h, resonator shall be
measured
after
being
placed
in
natural
conditions for 1h.
It shall fulfill the
specifications in
Table 1.
6.2
High
Temperature
Exposure
Subject the resonator to +85 ℃± 5 ℃ for
100h, resonator shall be measured after being
placed in natural conditions for 1h.
It shall fulfill the
specifications in
Table 1.
6.3
Low
Temperature
Exposure
Subject the resonator to–25 ℃± 5 ℃ for
100h, resonator shall be measured after being
placed in natural conditions for 1h.
It shall fulfill the
specifications in
Table 1.
6.4
Temperature
Cycling
Subject the resonator to -25℃ for 30min.
followed by a high temperature of +85℃ for
30min. Cycling shall be repeated 5 times.
Resonator shall be measured after being
placed in natural conditions for 1h.
It shall fulfill the
specifications in
Table 1.
6.5
Vibration
Subject the resonator to vibration for 2h each
in x y and z axis with the amplitude of
1.5mm,
the
frequency
shall
be
varied
uniformly between the limits of 10Hz~55Hz
and then resonator shall be measured.
It shall fulfill the
specifications in
Table 1.
6.6
Mechanical
Shock
Resonator shall be measured after 3 times'
random dropping from the height of 100cm
on concrete floor.
No visible:
damage
and
it
shall fulfill the
specifications in
Table 1.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com