전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C09279V-7AXC 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 CY7C09279V-7AXC
상세설명  3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279V-7AXC 데이터시트(HTML) 1 Page - Cypress Semiconductor

  CY7C09279V-7AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CY7C09269V/79V/89V
CY7C09369V/89V
3.3 V 16 K / 32 K / 64 K × 16 / 18
Synchronous Dual-Port Static RAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-06056 Rev. *I
Revised August 1, 2012
3.3 V 16 K / 32 K / 64 K × 16 / 18 Synchronous Dual-Port Static RAM
Features
■ True dual-ported memory cells that allow simultaneous access
of the same memory location
■ Six flow through/pipelined devices:
❐ 16 K × 16 / 18 organization (CY7C09269V/369V)
❐ 32 K × 16 organization (CY7C09279V)
❐ 64 K × 16 / 18 organization (CY7C09289V/389V)
■ Three modes:
❐ Flow through
❐ Pipelined
❐ Burst
■ Pipelined output mode on both ports allows fast 100 MHz
operation
■ 0.35 micron CMOS for optimum speed and power
■ High speed clock to data access: 7.5
[1], 9, 12 ns (max)
■ 3.3 V low operating power:
❐ Active = 115 mA (typical)
❐ Standby = 10 A (typical)
■ Fully synchronous interface for easier operation
■ Burst counters increment addresses internally:
❐ Shorten cycle times
❐ Minimize bus noise
❐ Supported in flow through and pipelined modes
■ Dual chip enables easy depth expansion
■ Upper and lower byte controls for bus matching
■ Automatic power down
■ Commercial and industrial temperature ranges
■ Pb-free 100-pin TQFP package available
R/
WL
1
0
0/1
CE0L
CE1L
LBL
OEL
UBL
1b
0/1
0b 1a 0a
ba
FT
/PipeL
I/O8/9L–I/O15/17L
I/O0L–I/O7/8L
I/O
Control
Counter/
Address
Register
Decode
A0L–A13/14/15L
CLKL
ADSL
CNTENL
CNTRSTL
True Dual-Ported
RAM Array
R/
WR
1
0
0/1
CE0R
CE1R
LBR
OER
UBR
1b
0/1
0b
1a
0a
b
a
FT
/PipeR
I/O
Control
Counter/
Address
Register
Decode
14/15/16
8/9
8/9
I/O8/9R–I/O15/17R
I/O0R–I/O7/8R
A0R–A13/14/15R
CLKR
ADSR
CNTENR
CNTRSTR
14/15/16
8/9
8/9
[2]
[3]
[2]
[3]
[4]
[4]
Logic Block Diagram
Notes
1. See Figure 4 on page 8 for Load Conditions.
2. I/O8–I/O15 for × 16 devices; I/O9–I/O17 for × 18 devices.
3. I/O0–I/O7 for × 16 devices. I/O0–I/O8 for × 18 devices.
4. A0–A13 for 16K; A0–A14 for 32K; A0–A15 for 64K devices.


유사한 부품 번호 - CY7C09279V-7AXC

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C09279V-7AXC CYPRESS-CY7C09279V-7AXC Datasheet
758Kb / 19P
3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

유사한 설명 - CY7C09279V-7AXC

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
512 K (32 K 횞 16) Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
512 K (32 K 횞 16) Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com