전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C09279V-7AXC 데이터시트(PDF) 21 Page - Cypress Semiconductor

부품명 CY7C09279V-7AXC
상세설명  3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279V-7AXC 데이터시트(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C09279V-7AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 15Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 16Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 17Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 18Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 19Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 20Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 21Page - Cypress Semiconductor CY7C09279V-7AXC Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CY7C09269V/79V/89V
CY7C09369V/89V
Document Number: 38-06056 Rev. *I
Page 21 of 22
Document History Page
Document Title: CY7C09269V/79V/89V/CY7C09369V/89V, 3.3 V 16 K / 32 K / 64 K × 16 / 18 Synchronous Dual-Port Static RAM
Document Number: 38-06056
Revision
ECN
Submission
Date
Orig. of
Change
Description of Change
**
110215
12/18/01
SZV
Change from Spec number: 38-00668 to 38-06056
*A
122306
12/27/02
RBI
Power up requirements added to Maximum Ratings Information
*B
344354
See ECN
PCX
Added Pb-Free Part Ordering Information
*C
2678221
03/25/2009
VKN /
AESA
Added CY7C09379V-12AXCT part.
Updated 51-85048 to *C.
*D
2896210
03/22/2010
RAME
Updated Ordering Information.
Updated Package Diagrams.
*E
3111417
12/15/2010
ADMU
Updated Ordering Information.
Added Ordering Code Definitions.
*F
3124048
12/30/2010
ADMU
No technical updates.
*G
3352110
08/23/2011
ADMU
Updated Features (Removed CY7C09379V information and also removed -6
speed bin information).
Updated Pin Configurations (Removed CY7C09379V information).
Updated Selection Guide (Removed CY7C09379V information and also
removed -6 speed bin information).
Updated Functional Description (Removed CY7C09379V information).
Updated Electrical Characteristics (Removed CY7C09379V information and
also removed -6 speed bin information).
Updated AC Test Loads and Waveforms (Removed -6 speed bin information).
Updated Switching Characteristics (Removed CY7C09379V information and
also removed -6 speed bin information).
Updated Ordering Information (Removed part CY7C09279V-7AC).
Updated Package Diagrams.
Added Acronyms and Units of Measure.
Updated in new template.
*H
3402091
10/12/2011
ADMU
Updated Ordering Information (Removed pruned part CY7C09289V-9AI).
Updated Package Diagrams.
*I
3680923
08/01/2012
ADMU /
SMCH
Updated Pin Configurations (Updated Figure 2).
Updated Switching Characteristics (Changed name of parameter from tCKZ to
tCKHZ, changed name of parameter from tCKZ to tCKLZ in the next corresponding
row).
Updated Switching Waveforms (Updated Figure 15).
Updated Address Counter Control Operation.
Updated Ordering Information (Removed pruned part CY7C09289V-9AC).
Updated Package Diagrams (spec 51-85048 (Changed revision from *E to
*G)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com