| 전자부품 데이터시트 검색엔진 |
|
SN8P1602A 데이터시트(PDF) 60 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A 데이터시트(HTML) 60 Page - SONiX Technology Company |
|
60 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 60 Version 1.1 1 1 10 0 0I/O PORT OVERVIEW The SN8P1602B provides 3 ports for users’ application, consisting one input only port (P0) and two I/O ports (P1, P2,). Each port consists input pull-up resistors. The direction of I/O port can be selected by PnM register. When the system resets, these ports will then be set as input port without pull up resistors. The pull-up resistor can be set up by PUR register. SN8P1602B Note: All of the latch output circuits are push-pull structures. . Port0 structure PUR PUR PUR PnM, PUR Pin PnM Latch Port1~Port2 structure PnM Pin Int. bus Port0 structure PUR PUR PUR PnM, PUR Pin PnM Latch Port1~Port2 structure PnM Pin Int. bus |